Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD4448HTW Fiches technique(PDF) 3 Page - Diode Semiconductor Korea

No de pièce MMBD4448HTW
Description  Surface Mount Fast Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4448HTW Fiches technique(HTML) 3 Page - Diode Semiconductor Korea

  MMBD4448HTW Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4448HTW Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4448HTW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Fast Switching Diodes
MMBD4448HCQW/AQW/ADW/CDW/SDW/TW
PACKAGE OUTLINE
Plastic surface mounted package
SOT-363
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-363
Dim
Min
Max
A
1.8
2.2
B
1.15
1.35
C
1.0Typical
D
0.10
0.30
E
0.25
0.40
G
0.65Typical
H
0.02
0.10
J
0.1Typical
K
2.1
2.3
All Dimensions in mm
Device
Package
Shipping
MMBD4448HCQW/AQW/ADW
/CDW/SDW/TW
SOT-363
3000/Tape&Reel
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3