Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21 Fiches technique(PDF) 3 Page - Diode Semiconductor Korea

No de pièce BAS21
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS21 Fiches technique(HTML) 3 Page - Diode Semiconductor Korea

  BAS21 Datasheet HTML 1Page - Diode Semiconductor Korea BAS21 Datasheet HTML 2Page - Diode Semiconductor Korea BAS21 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface mount switching diode
BAS21/A/C/S
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BAS21/A/C/S
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3