| Moteur de recherche de fiches techniques de composants électroniques |
|
LPV358MX/NOPB Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LPV358MX/NOPB Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 30 page ![]() LPV321, LPV324-N, LPV358-N SNOS413D – AUGUST 2000 – REVISED MARCH 2013 www.ti.com 5V DC Electrical Characteristics (continued) Unless otherwise specified, all limits specified for TJ = 25°C, V + = 5V, V− = 0V, V CM = 2.0V, VO = V +/2 and R L > 1 MΩ. Boldface limits apply at the temperature extremes. Parameter Test Conditions Min (1) Typ (2) Max (1) Units PSRR Power Supply Rejection Ratio 2.7V ≤ V+ ≤ 5V 50 65 dB VO = 1V, VCM = 1V VCM Input Common-Mode Voltage For CMRR ≥ 50 dB 0 −0.2 V Range 4.2 4 AV Large Signal Voltage Gain RL = 100 kΩ 15 100 V/mV (3) 10 VO Output Swing RL = 100 kΩ to 2.5V V+ −100 V+ −3.5 V+ −200 mV 90 180 220 IO Output Short Circuit Current LPV324, LPV358, and LPV321-N 2 16 Sourcing VO = 0V Output Short Circuit Current Sinking LPV321-N 20 60 mA VO = 5V LPV324 and LPV358 11 16 VO = 5V IS Supply Current LPV321-N 9 12 15 LPV358 15 20 µA Both amplifiers 24 LPV324 28 42 All four amplifiers 46 (3) RL is connected to V -. The output voltage is 0.5V ≤ V O ≤ 4.5V. 5V AC Electrical Characteristics Unless otherwise specified, all limits specified for TJ = 25°C, V + = 5V, V− = 0V, V CM = 2.0V, VO = V +/2 and R L > 1MΩ. Boldface limits apply at the temperature extremes. Parameter Test Conditions Min (1) Typ (2) Min (1) Units SR Slew Rate (3) 0.1 V/µs GBWP Gain-Bandwidth Product CL = 22 pF 152 kHz Φm Phase Margin 87 Deg Gm Gain Margin 19 dB en Input-Referred Voltage Noise f = 1 kHz, 146 nV/ √Hz in Input-Referred Current Noise f = 1 kHz 0.30 pA/ √Hz (1) All limits are specified by testing or statistical analysis. (2) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production material. (3) Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates. 4 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LPV321 LPV324-N LPV358-N |