| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1009CLPM Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LT1009CLPM Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 22 page ![]() www.ti.com EXAMPLE STENCIL DESIGN (5.8) 6X (0.65) 8X (0.45) 8X (1.5) (R ) TYP 0.05 4221848/A 02/2015 TSSOP - 1.2 mm max height PW0008A SMALL OUTLINE PACKAGE NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SYMM SYMM 1 4 5 8 SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE:10X |