| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5401 Fiches technique(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5401 Fiches technique(HTML) 69 Page - Texas Instruments |
|
69 / 81 page ![]() Electrical Specifications 69 December 2000 − Revised February 2004 SPRS153C 5.14.2 McBSP General-Purpose I/O Timing Table 5−22 and Table 5−23 assume testing over recommended operating conditions (see Figure 5−22). Table 5−22. McBSP General-Purpose I/O Timing Requirements MIN MAX UNIT tsu(BGPIO-COH) Setup time, BGPIOx input mode before CLKOUT high† 11 ns th(COH-BGPIO) Hold time, BGPIOx input mode after CLKOUT high† 2 ns † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. Table 5−23. McBSP General-Purpose I/O Switching Characteristics PARAMETER MIN MAX UNIT td(COH-BGPIO) Delay time, CLKOUT high to BGPIOx output mode‡ −2 7 ns ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. tsu(BGPIO-COH) th(COH-BGPIO) td(COH-BGPIO) CLKOUT BGPIOx Input Mode† BGPIOx Output Mode‡ † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. Figure 5−22. McBSP General-Purpose I/O Timings |