| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C51CC02CA-RATIM Fiches technique(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM Fiches technique(HTML) 28 Page - ATMEL Corporation |
|
28 / 154 page ![]() 28 T89C51CC02 4126H–CAN–01/05 Registers Table 17. PSW Register PSW (S:D0h) Program Status Word Register Reset Value = 0000 0000b 7654 3210 CY AC F0 RS1 RS0 OV F1 P Bit Number Bit Mnemonic Description 7CY Carry Flag Carry out from bit 1 of ALU operands. 6AC Auxiliary Carry Flag Carry out from bit 1 of addition operands. 5F0 User Definable Flag 0 4 - 3 RS1:0 Register Bank Select bits Refer to Table 16 for bits description. 2OV Overflow Flag Overflow set by arithmetic operations. 1F1 User Definable Flag 1 0P Parity bit Set when ACC contains an odd number of 1’s. Cleared when ACC contains an even number of 1’s. |