Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3990 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP3990
Description  150-mA Linear Voltage Regulator for Digital Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 17Page - Texas Instruments LP3990 Datasheet HTML 18Page - Texas Instruments LP3990 Datasheet HTML 19Page - Texas Instruments LP3990 Datasheet HTML 20Page - Texas Instruments LP3990 Datasheet HTML 21Page - Texas Instruments LP3990 Datasheet HTML 22Page - Texas Instruments LP3990 Datasheet HTML 23Page - Texas Instruments LP3990 Datasheet HTML 24Page - Texas Instruments LP3990 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3990MF-1.2/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-1.8
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-1.8/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-2.5
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-2.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-2.8/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MF-3.3/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MFX-1.2/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MFX-1.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990MFX-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3990SD-1.2/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP3990SD-1.5/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP3990SD-1.8/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP3990TL-0.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.09
1.35
0.76
4.0
8.0
Q1
LP3990TL-1.2/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.09
1.35
0.76
4.0
8.0
Q1
LP3990TL-1.35/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.09
1.35
0.76
4.0
8.0
Q1
LP3990TL-1.5/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.09
1.35
0.76
4.0
8.0
Q1
LP3990TL-1.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.09
1.35
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Dec-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28