| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3950SL/NOPB Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3950SL/NOPB Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 38 page ![]() LP3950 www.ti.com SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013 Thermal Properties Junction-to-Ambient Thermal Resistance 72°C/W ( θJA), NPC0032A Package (1) (1) Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid to thermal dissipation issues in board design. Electrical Characteristics (1) (2) Limits in standard typeface are for TJ = +25°C. Limits in boldface type apply over the operating ambient temperature range ( −40°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to Figure 2 with: VDD1 = VDD2 = VDDA = 2.8V, CVDD1 = CVDD2 = CVDDA = CVDDIO = 100 nF, COUT = CIN = 10 µF, CVREF = 100 nF, L1 = 4.7 µH and fBOOST = 2.0 MHz (3). Symbol Parameter Condition Min Typ Max Units IVDD Standby Supply Current NSTBY = L (register) 1 5 µA (VDD1 + VDD2 + VDDA current) SCK, SS, SI, NRST = H No-Load Supply Current NSTBY = H (reg.) 300 400 µA (VDD1 + VDD2 + VDDA current, boost off) EN_BOOST = L (reg.) SCK, SS, SI, NRST = H Full Load Supply Current NSTBY = H (reg.) 850 µA (VDD1 + VDD2 + VDDA current, boost on) (4) EN_BOOST = H (reg.) SCK, SS, SI, NRST = H All Outputs Active IVDDIO VDDIO Supply Current 1.0 MHz SCK Frequency 20 µA CL = 50 pF at SO Pin IVDDA Audio Circuitry Supply Current(5) INPUT_SEL = [10] (register) 550 µA VREF Reference Voltage(6) IREF ≤ 1.0 nA Only for Test Purpose 1.230 V (1) All voltages are with respect to the potential at the GND pins (GND1–3, GND_BOOST, GND_RGB, GNDA). (2) Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. (3) Low-ESR Surface-Mount Ceramic Capacitors are used in setting electrical characteristics. (4) Audio block inactive. (5) In single-ended and in differential mode one audio buffer only is active and IVDDA will be reduced by 90 µA (typ). (6) VREF pin (Bandgap reference output) is for internal use only. A capacitor should always be placed between VREF and GND1. Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LP3950 |