Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CU8965 Fiches technique(PDF) 2 Page - Coilcraft lnc.

No de pièce CU8965
Description  Current Sense Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CU8965 Fiches technique(HTML) 2 Page - Coilcraft lnc.

  CU8965 Datasheet HTML 1Page - Coilcraft lnc. CU8965 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CU8965-AL Current Sense Transformer
Document 1165-2
Document 1165-2 Revised 07/01/15
Dimensions
Temperature Rise vs Current
Dimensions are in
inches
mm
45
35
40
30
25
20
15
10
0
5
Current (Arms)
10
5
020
15
25
30
0.063
1,6
0.063
1,6 0.063
1,6
0.063
1,6
0.118
3,0
max
0.276
7,0 max
0.197
5,0 max
2
2
3
3
4
4
0.030
0,75
0.067
1,70
0.006 /0,15
Recommended
Land Pattern
0.043
1,1
0.043
1,1
0.043
1,1
0.043
1,1
0.010
0,25
0.118
3,0
0.191
4,85
0.191
4,85
0.047
1,2
0.045
1,15
0.045
1,15
0.073
1,85
0.073
1,85
CL
0.102
2,60
0.047
1,2
1
1



Html Pages

1 2