Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV751M5X/NOPB Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV751M5X/NOPB
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMV751M5X/NOPB Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LMV751M5X/NOPB Datasheet HTML 6Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 7Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 8Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 9Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 10Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 11Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 12Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 13Page - Texas Instruments LMV751M5X/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Loading
The LMV751 is a low noise, high speed op amp with excellent phase margin and stability. Capacitive loads up to
1000 pF can be handled, but larger capacitive loads should be isolated from the output. The most straightforward
way to do this is to put a resistor in series with the output. This resistor will also prevent excess power dissipation
if the output is accidentally shorted.
General Circuits
With the low noise and low input bias current, the LMV751 would be useful in active filters, integrators, current to
voltage converters, low frequency sine wave generators, and instrumentation amplifiers. (3)
NOTE
1. Sherwin, Jim “Noise Specs Confusing?” AN-104 (SNVA515), Texas Instruments.
2. Christensen, John, “Noise-figure curve ease the selection of low-noise op amps”, EDN, pp 81-
84, Aug. 4, 1994.
3. “Op Amp Circuit Collection”, AN-31 (SNLA140), Texas Instruments.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18