Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN1509 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce DN1509
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN1509 Fiches technique(HTML) 2 Page - Microchip Technology

  DN1509 Datasheet HTML 1Page - Microchip Technology DN1509 Datasheet HTML 2Page - Microchip Technology DN1509 Datasheet HTML 3Page - Microchip Technology DN1509 Datasheet HTML 4Page - Microchip Technology DN1509 Datasheet HTML 5Page - Microchip Technology DN1509 Datasheet HTML 6Page - Microchip Technology DN1509 Datasheet HTML 7Page - Microchip Technology DN1509 Datasheet HTML 8Page - Microchip Technology DN1509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DN1509
DS20005403B-page 2
 2015 Microchip Technology Inc.
Package Type
5-lead SOT-23
See Table 2-1 for pin information
TO-243AA (SOT-89)
DRAIN
SOURCE
GATE
N/C
N/C
GATE
SOURCE
DRAIN
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12