| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8413-CS Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8413-CS Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 38 page ![]() CS8413 CS8414 DS240F1 27 PIN DESCRIPTIONS: CS8413 Power Supply Connections VD+ - Positive Digital Power, PIN 7. Positive supply for the digital section. Nominally +5 volts. VA+ - Positive Analog Power, PIN 22. Positive supply for the analog section. Nominally +5 volts. This supply should be as quiet as possible since noise on this pin will directly affect the jitter performance of the recovered clock. DGND - Digital Ground, PIN 8. Ground for the digital section. DGND should be connected to same ground as AGND. AGND - Analog Ground, PIN 21. Ground for the analog section. AGND should be connected to same ground as DGND. 1 2 3 4 5 6 7 8 9 10 11 12 28 27 26 25 24 23 22 21 20 19 18 17 13 14 16 15 D2 D1 DATA BUS BIT 2 DATA BUS BIT 1 D3 D0 DATA BUS BIT 3 DATA BUS BIT 0 D4 SDATA DATA BUS BIT 4 SERIAL OUTPUT DATA D5 ERF DATA BUS BIT 5 ERROR FLAG D6 CS DATA BUS BIT 6 CHIP SELECT D7 RD/WR DATA BUS BIT 7 READ/WRITE SELECT VD+ VA+ DIGITAL POWER ANALOG POWER DGND AGND DIGITAL GROUND ANALOG GROUND RXP FILT RECEIVE POSITIVE FILTER RXN MCK RECEIVE NEGATIVE MASTER CLOCK FSYNC A0 FRAME SYNC ADDRESS BUS BIT 0 SCK A1 SERIAL DATA CLOCK ADDRESS BUS BIT 1 A4/FCK A2 ADDRESS BUS BIT 4/FCLOCK ADDRESS BUS BIT 2 INT A3 INTERRUPT ADDRESS BUS BIT 3 CS8413 |