Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3907TL-PLNTO/NOPB Fiches technique(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Fiches technique(HTML) 29 Page - Texas Instruments

Back Button LP3907TL-PLNTO/NOPB Datasheet HTML 25Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 26Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 27Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 28Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 29Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 30Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 31Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 32Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
29
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Programming (continued)
8.5.2 Factory Programmable Options
Table 7 shows options EPROM programmed during final test of the LP3907. The system designer that needs
specific options is advised to contact the TI sales office.
Table 7. Factory-Programmable Options
FACTORY PROGRAMMABLE OPTIONS
CURRENT VALUE
Enable delay for power on
code 010 (see Control 1 Register (SCR1) 0x07)
SW1 ramp speed
8 mV/µs
SW2 ramp speed
8 mV/µs
The I2C Chip ID address is offered as a metal mask option. The current address for the WQFN chip equals 0x60,
while the address for the DSBGA chip is 0x61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58