Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3918TL-A/NOPB Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP3918TL-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TL-A/NOPB Fiches technique(HTML) 3 Page - Texas Instruments

  LP3918TL-A/NOPB Datasheet HTML 1Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 2Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 3Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 4Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 5Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 6Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 7Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LP3918
1 PF
1 PF
1 PF
10 PF
1 PF
1 PF
1 PF
1 PF
10 PF
10 PF
1.5 k:
1.5 k:
VSS
SDA
PS_HOLD
PWR_ON
RESET_N
SCL
LDO2
LDO4
RX_EN
GNDA
LDO3
LDO2
LDO1
ACOK_N PON_N
LDO7
LDO6
VIN2
TX_EN
LDO5
IMON
CHGIN
BATT
VIN1
HF_PWR
TCXO_EN
A5
B4
C4
B5
C5
D5
E5
A4
B2
C3
A3
B3
A1
A2
B1
C1
C2
D1
D2
E1
E2
D3
E3
E4
D4
VBATT
VBATT
VBATT
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
PIN DESCRIPTION (continued)
Pin #
Name
Type(1)
Description
E1
LDO1
A
LDO1 Output (CORE)
E2
LDO2
A
LDO2 Output (DIGI)
E3
LDO3
A
LDO3 Output (ANA)
E4
LDO4
A
LDO4 Output (TCXO)
E5
VIN2
P
Battery Input for LDO3 - 7
Applications Schematic Diagram
Figure 3. Applications Schematic
Device Description
The LP3918 Charge Management and Regulator Unit is designed to supply charger and voltage output
capabilities for mobile systems, e.g. CDMA handsets. The device provides a Li-Ion charging function and 7
regulated outputs. Communication with the device is via an I2C compatible serial interface that allows function
control and status read-back.
The battery charge management section provides a programmable CC/CV linear charge capability. Following a
normal charge cycle a maintenance mode keeps battery voltage between programmable levels. Power levels are
thermally regulated to obtain optimum charge levels over the ambient temperature range.
Charger Features
•
Pre-charge, CC, CV and Maintenance modes
•
USB Charge 100mA/450mA
•
Integrated FET
•
Integrated Reverse Current Blocking Diode
•
Integrated Sense Resistor
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39