| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2997M/NOPB Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2997M/NOPB Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 21 page ![]() www.ti.com PACKAGE OUTLINE C TYP 6.2 5.8 1.7 MAX 6X 1.27 8X 0.51 0.31 2X 3.81 TYP 0.25 0.10 0 - 8 0.15 0.00 2.34 2.24 2.34 2.24 0.25 GAGE PLANE 1.27 0.40 A NOTE 3 5.0 4.8 B 4.0 3.8 4218825/A 05/2016 PowerPAD SOIC - 1.7 mm max height DDA0008A PLASTIC SMALL OUTLINE NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per side. 4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side. 5. Reference JEDEC registration MS-012. PowerPAD is a trademark of Texas Instruments. TM 1 8 0.25 C A B 5 4 PIN 1 ID AREA NOTE 4 SEATING PLANE 0.1 C SEE DETAIL A DETAIL A TYPICAL SCALE 2.400 EXPOSED THERMAL PAD 4 1 5 8 |