Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2995MR Fiches technique(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP2995MR
Description  DDR Termination Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP2995MR Fiches technique(HTML) 16 Page - Texas Instruments

Back Button LP2995MR Datasheet HTML 12Page - Texas Instruments LP2995MR Datasheet HTML 13Page - Texas Instruments LP2995MR Datasheet HTML 14Page - Texas Instruments LP2995MR Datasheet HTML 15Page - Texas Instruments LP2995MR Datasheet HTML 16Page - Texas Instruments LP2995MR Datasheet HTML 17Page - Texas Instruments LP2995MR Datasheet HTML 18Page - Texas Instruments LP2995MR Datasheet HTML 19Page - Texas Instruments LP2995MR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2995LQ/NOPB
WQFN
NHP
16
1000
213.0
191.0
55.0
LP2995MRX
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LP2995MRX/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LP2995MX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Sep-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24