| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2995M/NOPB Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2995M/NOPB Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 24 page ![]() www.ti.com EXAMPLE STENCIL DESIGN (R ) TYP 0.05 8X (1.55) 8X (0.6) 6X (1.27) (5.4) (2.34) (2.34) BASED ON 0.125 THICK STENCIL 4218825/A 05/2016 PowerPAD SOIC - 1.7 mm max height DDA0008A PLASTIC SMALL OUTLINE 1.98 X 1.98 0.175 2.14 X 2.14 0.150 2.34 X 2.34 (SHOWN) 0.125 2.62 X 2.62 0.1 SOLDER STENCIL OPENING STENCIL THICKNESS NOTES: (continued) 11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 12. Board assembly site may have different recommendations for stencil design. TM SOLDER PASTE EXAMPLE EXPOSED PAD 100% PRINTED SOLDER COVERAGE BY AREA SCALE:10X SYMM SYMM 1 4 5 8 BASED ON 0.125 THICK STENCIL BY SOLDER MASK METAL COVERED SEE TABLE FOR DIFFERENT OPENINGS FOR OTHER STENCIL THICKNESSES |