| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2986 Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2986 Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 33 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP2986IMX-5.0 SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2986IMX-5.0/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LP2986AILD-3.3/NOPB WSON NGN 8 1000 213.0 191.0 55.0 LP2986AILDX-3.3/NOPB WSON NGN 8 4500 367.0 367.0 35.0 LP2986AIMM-3.0/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986AIMM-3.3/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986AIMM-5.0/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986AIMMX-3.0/NOPB VSSOP DGK 8 3500 367.0 367.0 35.0 LP2986AIMMX-5.0/NOPB VSSOP DGK 8 3500 367.0 367.0 35.0 LP2986AIMX-3.3/NOPB SOIC D 8 2500 367.0 367.0 35.0 LP2986AIMX-5.0/NOPB SOIC D 8 2500 367.0 367.0 35.0 LP2986ILD-3.3/NOPB WSON NGN 8 1000 213.0 191.0 55.0 LP2986IMM-3.0/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986IMM-3.3/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986IMM-5.0/NOPB VSSOP DGK 8 1000 210.0 185.0 35.0 LP2986IMMX-3.0/NOPB VSSOP DGK 8 3500 367.0 367.0 35.0 LP2986IMMX-3.3/NOPB VSSOP DGK 8 3500 367.0 367.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 13-Apr-2016 Pack Materials-Page 2 |