Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8739LEDS Fiches technique(PDF) 2 Page - Wolfson Microelectronics plc

No de pièce WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Fiches technique(HTML) 2 Page - Wolfson Microelectronics plc

  WM8739LEDS Datasheet HTML 1Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
2
PIN CONFIGURATION (SSOP)
ORDERING INFORMATION (SSOP)
DEVICE
AVDD RANGE
PACKAGE
XWM8739EDS
2.7 to 3.6V
20-pin SSOP
XWM8739LEDS
1.8 to 3.6V
20-pin SSOP
SDIN
SCLK
XTI/MCLK
XTO
DCVDD
DGND
DBVDD
BCLK
DNC
DNC
CSB
MODE
LLINEIN
RLINEIN
VMID
AGND
AVDD
NC
ADCLRC
ADCDAT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PIN DESCRIPTION (SSOP PACKAGE)
PIN
NAME
TYPE
DESCRIPTION
1
SDIN
Digital Input
3-Wire MPU Data Input / 2-Wire MPU Data Input
2
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
3
XTI/MCLK
Digital Input
Crystal Input or Master Clock Input (MCLK)
4
XTO
Digital Output
Crystal Output
5
DCVDD
Supply
Digital Core VDD
6
DGND
Ground
Digital GND
7
DBVDD
Supply
Digital Buffers VDD
8
BCLK
Digital Input/Output
Digital Audio Port Clock
9
DNC
Test pin
Do not connect (leave this pin floating)
10
DNC
Test pin
Do not connect (leave this pin floating)
11
ADCDAT
Digital Output
ADC Digital Audio Data Output
12
ADCLRC
Digital Input/Output
ADC Sample Rate Clock
13
NC
No Internal Connection
14
AVDD
Supply
Analogue VDD
15
AGND
Ground
Analogue GND
16
VMID
Analogue Output
Mid-rail reference decoupling point
17
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
18
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
19
MODE
Digital Input
Control Interface Selection, Pull up (on power up only)
20
CSB
Digital Input
3-Wire MPU Chip Select/ 2-Wire MPU interface address selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35