Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1122AI1 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce DSC1122AI1
Description  Low-Jitter Precision LVPECL Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1122AI1 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  DSC1122AI1 Datasheet HTML 1Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 2Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 3Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 4Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 5Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 6Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1102 | DSC1122
Page 2
MK-Q-B-P-D-110410-02-6
DSC1102
Low-Jitter Precision LVPECL Oscillator
DSC1122
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Ordering Code
Note: 1000+ years of data retention on internal memory
Specifications
Notes:
1.
Pin 6 VDD should be filtered with 0.1uf capacitor.
2.
tsu is time to 100ppm of output frequency after VDD is applied and outputs are enabled.
3.
Output Waveform and Test Circuit figures below define the parameters.
4.
Output is enabled if pad is floated or not connected.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are disabled
DSC1102
DSC1122
20
0.095
22
mA
Frequency Stability
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±10
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time2
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time3
tDA
5
ns
Output Enable Time
tEN
DSC1102
DSC1122
5
20
ms
ns
Enable Pull-Up Resistor4
Pull-up resistor exist
40
kΩ
LVPECL Outputs
Supply Current
IDD
Output Enabled, RL=50Ω
56.5
58
mA
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
RL=50Ω
VDD-1.08
-
-
VDD-1.55
V
Pk to Pk Output Swing
Single-Ended
800
mV
Output Transition time3
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 0pF
250
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter
JPER
2.5
psRMS
Integrated Phase Noise
JPH
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.25
0.38
1.7
2
psRMS
DSC11
125.0000
Freq (MHz)
125.0000
0
Enable Modes
0: Enable/Standby
2: Enable/Disable
-
Packing
T: Tape & Reel
: Tube
2 C I 5
Package
A: 7.0x5.0mm
B: 5.0x3.2mm
C: 3.2x2.5mm
D: 2.5x2.0mm
N: 7.0x5.0mm (no center pad)
Temp Range
E: -20 to 70
I: -40 to 85
L: -40 to 105
Stability
1: ±50ppm
2: ±25ppm
5: ±10ppm
T



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com