| Moteur de recherche de fiches techniques de composants électroniques |
|
TL1431MFKB Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL1431MFKB Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 32 page ![]() + − CATHODE ANODE REF Vref REF ANODE CATHODE TL1431 SLVS062M – DECEMBER 1991 – REVISED APRIL 2012 www.ti.com ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING PowerFLEX™ – KTP Reel of 3000 TL1431CKTPR OBSOLETE Tube of 75 TL1431CD SOIC – D 1431C Reel of 2500 TL1431CDR Bulk of 1000 TL1431CLP 0°C to 70°C TO-226 / TO-92 – LP Reel of 2000 TL1431CLPR TL1431C Ammo of 2000 TL1431CLPME3 Tube of 150 TL1431CPW TSSOP – PW T1431 Reel of 2000 TL1431CPWR Tube of 75 TL1431QD SOIC – D TL1431QD Reel of 2500 TL1431QDR –40°C to 125°C Tube of 150 TL1431QPW TSSOP – PW T1431QPW Reel of 2000 TL1431QPWR CDIP – JG Tube of 50 TL1431MJG TL1431MJG –55°C to 125°C LCCC – FK Tube of 55 TL1431MFK TL1431MFK (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. SYMBOL FUNCTIONAL BLOCK DIAGRAM 2 Submit Documentation Feedback Copyright © 1991–2012, Texas Instruments Incorporated Product Folder Links: TL1431 |