| Moteur de recherche de fiches techniques de composants électroniques |
|
93LC56 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC56 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() 93LC46/56/66 DS21712C-page 2 2002-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied ................................................................................................-40°C to +125°C ESD protection on all pins 4kV DC C HARACTERISTICS † NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS VCC = +2.5V to +5.5V Industrial (I): TA = -40°C to +85°C Param. No. Sym Characteristic Min Typ Max Units Conditions D1 VIH1 High-level input voltage 2.0 — VCC +1 V VCC 2.7V VIH2 0.7 VCC —VCC +1 V VCC 2.7V D2 VIL1 Low-level input voltage -0.3 — 0.8 V VCC 2.7V VIL2 -0.3 — 0.2 VCC VVCC 2.7V D3 VOL1 Low-level output voltage — — 0.4 V IOL = 2.1 mA, VCC = 4.5V VOL2— — 0.3 V IOL = 100 A, VCC = 2.5V D4 VOH1 High-level output voltage 2.4 — — V IOL = 400 A, VCC = 4.5V VOH2VCC -0.2 — — V IOL = 100 A, VCC = 2.5V D5 ILI Input leakage current — — ±10 AVIN = 0.1V to VCC D6 ILO Output leakage current — — ±10 AVOUT = 0.1V to VCC D7 CIN, COUT Pin capacitance (all inputs/outputs) —— 7 pF VIN/VOUT = 0V (Note 1 & 2) TA = 25°C, FCLK = 1 MHz D8 ICC write Operating current — — 3 mA FCLK = 2 MHz, VCC = 5.5V (Note 2) D9 ICC read — — — — — 100 1 500 — mA A A FCLK = 2 MHz, VCC = 5.5V FCLK = 1 MHz, VCC = 3.0V FCLK = 1 MHz, VCC = 2.5V D10 ICCS Standby current — — — — — 3 100 30 — A A A CLK = CS = 0V; VCC = 5.5V CLK = CS = 0V; VCC = 3.0V CLK = CS = 0V; VCC = 2.5V ORG, DI = VSS or VCC Note 1: This parameter is tested at TA = 25°C and FCLK = 1 MHz. 2: This parameter is periodically sampled and not 100% tested. |