Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR1011T-I/ML Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce AR1011T-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML Fiches technique(HTML) 29 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 25Page - Microchip Technology AR1011T-I/ML Datasheet HTML 26Page - Microchip Technology AR1011T-I/ML Datasheet HTML 27Page - Microchip Technology AR1011T-I/ML Datasheet HTML 28Page - Microchip Technology AR1011T-I/ML Datasheet HTML 29Page - Microchip Technology AR1011T-I/ML Datasheet HTML 30Page - Microchip Technology AR1011T-I/ML Datasheet HTML 31Page - Microchip Technology AR1011T-I/ML Datasheet HTML 32Page - Microchip Technology AR1011T-I/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 29
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
8.2.13
PenStateReportDelay Register
(OFFSET 0x0F)
The PenStateReportDelay register sets the delay time
between sending of sequential touch reports for the
“Pen-Down” and “Pen-Up” Touch mode states. See
Section 8.2.10 “TouchMode Register (offset 0x0C)”
for touch modes.
For example, if “Pen-Up” state of the TouchMode
register is configured to send a touch report with P=1,
followed by a touch report with P=0, then this delay
occurs between the two touch reports. This provides
some timing flexibility between the two touch reports
that may be desired in certain applications. Valid values
are as follows.
0 ≤ PenStateReportDelay ≤ 255
Pen State Report Delay Time = PenStateReportDelay *
50 μs
8.2.14
TouchReportDelay Register (OFFSET
0x11)
The TouchReportDelay register sets a forced delay
time between successive touch report packets. This
allows slowing down of the touch report rate, if desir-
able for a given application. For example, a given appli-
cation may not need a high rate of touch reports and
may want to reduce the overhead used to service all of
the touch reports being sent. In this situation, increas-
ing the value of this register will reduce the rate at
which the controller sends touch reports. Valid values
are as follows:
0 ≤ TouchReportDelay ≤ 255
Touch Report Delay Time ≈ TouchReportDelay * 500 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61