Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM78 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button BM78 Datasheet HTML 35Page - Microchip Technology BM78 Datasheet HTML 36Page - Microchip Technology BM78 Datasheet HTML 37Page - Microchip Technology BM78 Datasheet HTML 38Page - Microchip Technology BM78 Datasheet HTML 39Page - Microchip Technology BM78 Datasheet HTML 40Page - Microchip Technology BM78 Datasheet HTML 41Page - Microchip Technology BM78 Datasheet HTML 42Page - Microchip Technology BM78 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001380A-Page 39
BM78
Figure 6-3 illustrates the recommendations for mount-
ing the BM78SPPS5MC2/NC2 on the host PCB, and it
also shows the minimum ground plane area to the left
and right of the module for the best antenna perfor-
mance.
Avoid top copper layer near the test pin area. When
designing the host PCB, the areas under the antenna
should not contain any top, inner, or bottom copper
layer. A low-impedance ground plane will ensure best
radio performance (best range and lowest noise). The
ground plane can be extended beyond the minimum
recommended as needed for host PCB EMC noise
reduction. For best range performance, keep all exter-
nal metal at least 31 mm away from the ceramic chip
antenna.
FIGURE 6-3:
BM78SPPS5MC2/NC2 HOST PCB MOUNTING SUGGESTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60