| Moteur de recherche de fiches techniques de composants électroniques |
|
CAP1296 Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1296 Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 68 page ![]() CAP1296 DS00001569B-page 22 2013-2015 Microchip Technology Inc. 4.9.4 INTERRUPTS FOR MULTIPLE TOUCH PATTERN DETECTION An interrupt can be generated when the MTP pattern is matched (see Section 5.15, "Multiple Touch Pattern Configura- tion Register"). 4.9.5 INTERRUPTS FOR SENSOR INPUT CALIBRATION FAILURES An interrupt can be generated when the ACAL_FAIL bit is set, indicating the failure to complete analog calibration of one or more sensor inputs(see Section 5.2, "Status Registers"). This interrupt can be enabled by setting the ACAL_- FAIL_INT bit (see Section 5.6, "Configuration Registers"). An interrupt can be generated when the BC_OUT bit is set, indicating the base count is out of limit for one or more sen- sor inputs(see Section 5.2, "Status Registers"). This interrupt can be enabled by setting the BC_OUT_INT bit (see Sec- tion 5.6, "Configuration Registers"). |