| Moteur de recherche de fiches techniques de composants électroniques |
|
THS1041CPWRG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS1041CPWRG4 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 42 page ![]() THS1041 SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004 8 www.ti.com PARAMETER MEASUREMENT INFORMATION See Note A WE OE I/O Input ADC Output ADC Output Hi-Z Hi-Z tw(WP) td(OEW) td(WOE) td(DEN) tsu th td(DZ) NOTE A: All timing measurements are based on 50% of edge transition. See Note B NOTE B: Output data is converted ADC digital data. The input data is stored in the internal write only control registers. Figure 1. Write Timing Diagram See Note A NOTE A: All timing measurements are based on 50% of edge transition. Analog Input Input Clock Digital Output Sample 1 Sample 2 Sample 3 Sample 4 Sample 5 tc tw(CKH) tw(CKL) td(o) (I/O Pad Delay or Propagation Delay) Pipeline Latency Sample 1 Sample 2 Sample 6 OE td(DEN) td(DZ) Sample 7 Figure 2. Digital Output Timing Diagram |