| Moteur de recherche de fiches techniques de composants électroniques |
|
MVR32 Fiches technique(PDF) 4 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
MVR32 Fiches technique(HTML) 4 Page - Rohm |
|
4 / 9 page ![]() MVR32 Resistors ! ! ! ! Packaging Reel Taping C AB D Label AB C D φ180 0 −3 φ60 9 ±0.3 φ13±0.3 +1 0 EIAJ ET-7001 compliant (Units : mm) (Units : mm) φD0 P1 P2 P0 E T B F W A K AB W F E P0 φD0 TK φD1 3.3 ±0.2 3.8 ±0.2 8.0 ±0.2 3.5 ±0.05 1.75±0.1 P1 4.0 ±0.1 P2 2.0 ±0.05 4.0 ±0.1 1.5 Max. 0.6 Max. 2.5 Min. 1.0 + 0.1 0 φD1 ! ! ! ! Product designation Code HXBR MVR22 / 32 / 34 Reflow soldering Taping Part No. Processing specifications Embossed tape with reel Packaging style 2000 Standard ordering unit(pcs) Packaging specifications 3-digit IEC coding system Packaging / Processing specifications Resistance tolerance Nominal resistance Part No. N ±25% |