Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24C00T-E/ST Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce 24C00T-E/ST
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00T-E/ST Fiches technique(HTML) 9 Page - Microchip Technology

Back Button 24C00T-E/ST Datasheet HTML 5Page - Microchip Technology 24C00T-E/ST Datasheet HTML 6Page - Microchip Technology 24C00T-E/ST Datasheet HTML 7Page - Microchip Technology 24C00T-E/ST Datasheet HTML 8Page - Microchip Technology 24C00T-E/ST Datasheet HTML 9Page - Microchip Technology 24C00T-E/ST Datasheet HTML 10Page - Microchip Technology 24C00T-E/ST Datasheet HTML 11Page - Microchip Technology 24C00T-E/ST Datasheet HTML 12Page - Microchip Technology 24C00T-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 9
24AA00/24LC00/24C00
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, then the Start bit and control byte
must be re-sent. If the cycle is complete, then the
device will return the ACK and the master can then
proceed with the next Read or Write command. See
Figure 7-1 for flow diagram.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34