Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23A512T-E/ST Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce 23A512T-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512T-E/ST Fiches technique(HTML) 19 Page - Microchip Technology

Back Button 23A512T-E/ST Datasheet HTML 15Page - Microchip Technology 23A512T-E/ST Datasheet HTML 16Page - Microchip Technology 23A512T-E/ST Datasheet HTML 17Page - Microchip Technology 23A512T-E/ST Datasheet HTML 18Page - Microchip Technology 23A512T-E/ST Datasheet HTML 19Page - Microchip Technology 23A512T-E/ST Datasheet HTML 20Page - Microchip Technology 23A512T-E/ST Datasheet HTML 21Page - Microchip Technology 23A512T-E/ST Datasheet HTML 22Page - Microchip Technology 23A512T-E/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2012-2013 Microchip Technology Inc.
DS20005155B-page 19
23A512/23LC512
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
8-Lead SOIC (3.90 mm)
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
1343
23A512I
1L7
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
8-Lead TSSOP
Example:
XXXT
YYWW
NNN
3LAI
1343
1L7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
I/P
1L7
23A512
1343
Example:
3
e
Part Number
1st Line Marking Codes
PDIP
SOIC
TSSOP
23A512
23A512
23A512
3AAT
23LC512
23LC512
23LC512T
3LAT
Note:
T = Temperature grade (I, E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32