Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

11AA02UID-I/SN Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce 11AA02UID-I/SN
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID-I/SN Fiches technique(HTML) 5 Page - Microchip Technology

  11AA02UID-I/SN Datasheet HTML 1Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 2Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 3Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 4Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 5Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 6Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 7Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 8Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 5
11AA02UID
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 11AA02UID family of serial EEPROMs support
the UNI/O® protocol. They can be interfaced with
microcontrollers, including Microchip’s PIC® microcon-
trollers, ASICs, or any other device with an available
discrete I/O line that can be configured properly to
match the UNI/O protocol.
The 11AA02UID devices contain an 8-bit instruction
register. The devices are accessed via the SCIO pin.
Data is embedded into the I/O stream through
Manchester encoding. The bus is controlled by a
master device which determines the clock period, con-
trols the bus access and initiates all operations, while
the 11AA02UID works as slave. Both master and slave
can operate as transmitter or receiver, but the master
device determines which mode is active.
FIGURE 2-1:
BLOCK DIAGRAM
SCIO
STATUS
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
Current-
Limited
Slope
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32