| Moteur de recherche de fiches techniques de composants électroniques |
|
25AA256TI/ST Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA256TI/ST Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 32 page ![]() 2003-2013 Microchip Technology Inc. DS21822G-page 9 25AA256/25LC256 2.4 Write Enable (WREN) and Write Disable (WRDI) The 25XX256 contains a write enable latch. See Table 2-1 for the Write-Protect Functionality Matrix. This latch must be set before any write operation will be completed internally. The WREN instruction will set the latch, and the WRDI will reset the latch. The following is a list of conditions under which the write enable latch will be reset: • Power-up • WRDI instruction successfully executed • WRSR instruction successfully executed • WRITE instruction successfully executed FIGURE 2-4: WRITE ENABLE SEQUENCE (WREN) FIGURE 2-5: WRITE DISABLE SEQUENCE (WRDI) SCK 0 2 34 56 7 1 SI High-Impedance SO CS 01 00 00 0 1 SCK 0 2345 67 1 SI High-Impedance SO CS 01 00 00 0 10 |