Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24AA044 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce 24AA044
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button 24AA044 Datasheet HTML 13Page - Microchip Technology 24AA044 Datasheet HTML 14Page - Microchip Technology 24AA044 Datasheet HTML 15Page - Microchip Technology 24AA044 Datasheet HTML 16Page - Microchip Technology 24AA044 Datasheet HTML 17Page - Microchip Technology 24AA044 Datasheet HTML 18Page - Microchip Technology 24AA044 Datasheet HTML 19Page - Microchip Technology 24AA044 Datasheet HTML 20Page - Microchip Technology 24AA044 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005286A-page 17
24AA044
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32