Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25AA256TE/P Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce 25AA256TE/P
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA256TE/P Fiches technique(HTML) 20 Page - Microchip Technology

Back Button 25AA256TE/P Datasheet HTML 16Page - Microchip Technology 25AA256TE/P Datasheet HTML 17Page - Microchip Technology 25AA256TE/P Datasheet HTML 18Page - Microchip Technology 25AA256TE/P Datasheet HTML 19Page - Microchip Technology 25AA256TE/P Datasheet HTML 20Page - Microchip Technology 25AA256TE/P Datasheet HTML 21Page - Microchip Technology 25AA256TE/P Datasheet HTML 22Page - Microchip Technology 25AA256TE/P Datasheet HTML 23Page - Microchip Technology 25AA256TE/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
25AA256/25LC256
DS21822G-page 20
 2003-2013 Microchip Technology Inc.
(JEITA/EIAJ Standard, Formerly called SOIC)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32