Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25AA1024I/P Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce 25AA1024I/P
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/P Fiches technique(HTML) 30 Page - Microchip Technology

Back Button 25AA1024I/P Datasheet HTML 26Page - Microchip Technology 25AA1024I/P Datasheet HTML 27Page - Microchip Technology 25AA1024I/P Datasheet HTML 28Page - Microchip Technology 25AA1024I/P Datasheet HTML 29Page - Microchip Technology 25AA1024I/P Datasheet HTML 30Page - Microchip Technology 25AA1024I/P Datasheet HTML 31Page - Microchip Technology 25AA1024I/P Datasheet HTML 32Page - Microchip Technology 25AA1024I/P Datasheet HTML 33Page - Microchip Technology 25AA1024I/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
25AA1024
DS20001836J-page 30
 2007-2015 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision C (02/2007)
Revised Features Section (Self-timed Erase and Write
Cycles); Revised Table 1-1 (parameters D012 and
D13); Table 1-2 (parameters 20-24); Revised Package
Marking Information; Replaced Package Drawings;
Revised Product ID System Section (SM package);
Changed PICmicro to PIC.
Revision D (07/2007)
Revised Features; Revised Tables 1-1 and 1-2 (added
Industrial temp. and revised parameters 22-23);
Replaced Package Drawings (Rev. AP); Revised
Product ID System; Changed Flash to EEPROM.
Revision E (10/2007)
Removed 25LC1024 part number; New data sheet
created for 25LC1024 (DS22064); Revised Tables;
Updates throughout.
Revision F (05/2008)
Modified parameter D006 in Table 1-1; Revised
Package Marking Information; Replaced Package
Drawings.
Revision G (01/2010)
Added 8-Lead (MF) DFN-S Land Pattern; Replaced
8-Lead (SM) SOIJ Land Pattern.
Revision H (05/2010)
Revised Table 1-2, Param. No 25 Conditions; Revised
Section 2.2; Added note.
Revision J (04/2015)
Corrected Features section; Revised Table 1-2,
updated ‘Conditions’; Revised Figure 2-12, added
parameter TREL; Revised Section 2-12, clarified
condition for existing Deep Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36