| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS3108DCPR Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3108DCPR Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 63 page ![]() www.ti.com 3.8.2 2 Channel Left Justified Timing 23 22 SCLK 32Clks LRCLK LeftChannel 24-BitMode 1 19 18 20-BitMode 16-BitMode 15 14 MSB LSB 32Clks RightChannel 2-ChannelLeft-JustifiedStereoInput T0034-02 4 5 9 8 1 4 5 1 0 0 0 23 22 1 19 18 15 14 MSB LSB 4 5 9 8 1 4 5 1 0 0 0 SCLK TAS3108, TAS3108IA AUDIO DIGITAL SIGNAL PROCESSORS SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007 In 2 channel left justified timing, LRCLK is HIGH when left channel data is transmitted and LOW when right channel data is transmitted. SCLK is a bit clock running at 64 × f S which clocks in each bit of the data. The first bit of data appears on the data lines at the same time LRCLK toggles. The data is written MSB first and is valid on the rising edge of the bit clock. The TAS3108/TAS3108IA masks unused trailing data-bit positions. Figure 3-3. Left justified 64-fS Format 12 Physical Characteristics Submit Documentation Feedback Not Recommended for New Designs |