Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS16F95E/883 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DS16F95E/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95E/883 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  DS16F95E/883 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Receiver Electrical Characteristics (Continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
No Load,
DE = 2V, RE = 0.8V
28
mA
(Total Package)
All Inputs Open
Outputs Enabled
I
CCX
DE = 0.8V, RE = 2V
Outputs Disabled
25
COMMERCIAL
Receiver Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay Time,
V
ID = 0V to +3.0V
14
19
24
ns
Low-to-High Level Output
C
L =15pF, Figure 7
t
PHL
Propagation Delay Time,
14
19
24
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
C
L =15pF, Figure 8
10
16
ns
t
ZL
Output Enable Time to Low Level
12
18
ns
t
HZ
Output Disable Time from High Level
C
L = 5.0 pF, Figure 8
12
20
ns
t
LZ
Output Disable Time from Low Level
12
18
ns
|t
PLH−tPHL|
Pulse Width Distortion (SKEW)
Figure 7
1.0
4.0
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS16F95 and across the 0˚C to +70˚C range for the
DS36F95. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5:
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level.
Note 6: In TIA/EIA-422A and TIA/EIA-485 Standards, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
Note 7: The algebraic convention, where the less positive (more negative) limit is designated minimum, is used in this data sheet for common mode input voltage
and threshold voltage levels only.
Note 8: Hysteresis is the difference between the positive-going input threshold voltage, VT+, and the negative-going input threshold voltage, VT−.
Note 9: Refer to TIA/EIA-485 Standard for exact conditions.
Note 10: Only one output at a time should be shorted.
Order Number:
DS16F95J, NS Package Number J08A
DS36F95J, NS Package Number J08A
DS36F95M, NS Package Number M08A
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14