Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH6720MA Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce LMH6720MA
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6720MA Fiches technique(HTML) 20 Page - Texas Instruments

Back Button LMH6720MA Datasheet HTML 16Page - Texas Instruments LMH6720MA Datasheet HTML 17Page - Texas Instruments LMH6720MA Datasheet HTML 18Page - Texas Instruments LMH6720MA Datasheet HTML 19Page - Texas Instruments LMH6720MA Datasheet HTML 20Page - Texas Instruments LMH6720MA Datasheet HTML 21Page - Texas Instruments LMH6720MA Datasheet HTML 22Page - Texas Instruments LMH6720MA Datasheet HTML 23Page - Texas Instruments LMH6720MA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMH6714MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMH6714MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMH6714MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMH6720MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMH6720MF/NOPB
SOT-23
DBV
6
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMH6720MFX/NOPB
SOT-23
DBV
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMH6722MAX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMH6722MTX/NOPB
TSSOP
PW
14
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LMH6722QSD/NOPB
WSON
NHK
14
1000
178.0
12.4
3.3
4.3
1.0
8.0
12.0
Q1
LMH6722QSDX/NOPB
WSON
NHK
14
4500
330.0
12.4
3.3
4.3
1.0
8.0
12.0
Q1
LMH6722SD/NOPB
WSON
NHK
14
1000
178.0
12.4
3.3
4.3
1.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Dec-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29