Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C9X20303UL Fiches technique(PDF) 1 Page - Pericom Semiconductor Corporation

No de pièce PI7C9X20303UL
Description  3-Port/3-Lane Packet Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X20303UL Fiches technique(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C9X20303UL Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pericom Semiconductor Corp.
www.pericom.com
Page 1 of 1
8/20/2008
Rev. 0.9
PCI Express® is a registered trademark of PCI-SIG® www.pcisig.org | UltraLo™ is a trademark of Pericom Semiconductor Corp.
Product:
PCIe® UltraLo
TM 3-Port/3-Lane Packet Switch
Part Numbers: PI7C9X20303UL
Product Description
The PI7C9X20303UL is a 3-port/3-lane PCI Express®
Packet Switch specifically designed to meet the latest ultra
low-power, lead (Pb)-free and green system requirements.
The PI7C9X20303UL is a cost-effective solution that can be
implemented in systems such as combo card, HBA, set-top
box, embedded system, motherboard, laptop, docking
station and other mobile or dimension/ power-sensitive high
performance platforms.
The PI7C9X20303UL provides one upstream port and two
x1 downstream ports. The PI7C9X20303UL provides users
the flexibility to expand or fan-out from a wide range of I/O
Bridges such as ICH, embedded MCU, wireless chipset
CPU, and other Application Specific ICs.
Industry Specifications Compliance
PCI Express Base Specification, Revision 1.1
PCI Express CEM Specification, Revision 1.1
PCI-to-PCI Bridge Architecture Spec., Rev 1.2
Advanced Configuration Power Interface (ACPI)
Specification
Features
Non-blocking full-wired switching capability at 12
Gbps when all 3 lanes are enabled
Reliability, Availability and Serviceability
o
Supports Data Poisoning and End-to-End
CRC
o
Advanced Error Reporting and Logging
o
IEEE 1149.6 JTAG interface support
Link Power Management
o
Supports L0, L0s, L1, L2, L2/L3Ready and L3
link power state
o
Active state power management for L0s and
L1 state
o
Beacon or Wake# support in L2 state
Device State Power Management
o
Supports D0, D3Hot and D3Cold
o
3.3V Aux Power support in D3Cold power state
Supports up to 256-byte maximum payload size
Power Dissipation: 0.25 W typical in active mode,
0.15 W typical in standby mode
Industrial Temperature Range -40
o to 85o
Package: 132-pin TQFN 10mm x 10mm
o
Pb free and 100% Green.
Enhanced Features
UltraLo
TM power consumption to meet mobile
applications
Programmable Driver Current and De-Emphasis
Level at each individual port
150ns typical latency for packet running through
switch without blocking
Supports “Cut-through”(Default) as well as “Store
and Forward” mode for switching packets
Supports up to 256-byte maximum payload size
Advanced Power Savings
o
Empty downstream ports are set to idle
o
Clock to corresponding circuit is turned off
when any port enters L1 or ASPM L1
Applications
Notebook internal PCIe® fan-out
PCIe Surveillance and Combo cards
PC Motherboard PCIe slot expansion
Wire/ Wireless Tele/ data communication
Embedded system
Set-top box and consumer devices
Industrial control
Peripheral
Consumer electronics
PI7C9X20303UL – Application Example


Numéro de pièce similaire - PI7C9X20303UL

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results

Description similaire - PI7C9X20303UL

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
3-Lane 3-Port PCI Express Switch
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
12 Lane 3-Port PCI Express짰 Switch
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
24-Lane 3-Port PCI Express짰 Switch
89PES24N3 IDT-89PES24N3 Datasheet
49Kb / 2P
24-Lane 3-Port PCI Express Switch
89PES12N3 IDT-89PES12N3 Datasheet
54Kb / 2P
12 Lane 3-Port PCI Express짰 Switch
logo
Pericom Semiconductor C...
PI7C9X2G308GP PERICOM-PI7C9X2G308GP Datasheet
671Kb / 1P
PCIe2 3-Port/8-Lane Packet Switch
PI7C9X20505GP PERICOM-PI7C9X20505GP Datasheet
71Kb / 1P
PCIe짰 Packet Switch - 5-Port/5-lane
PI7C9X2G308GPAEVB PERICOM-PI7C9X2G308GPAEVB Datasheet
671Kb / 1P
PCIe2 3-Port/8-Lane Packet Switch, GreenPacketTM Family
logo
Diodes Incorporated
PI7C9X2G304SV DIODES-PI7C9X2G304SV Datasheet
671Kb / 1P
Gen2 PCIe짰 3-Port/4-Lane ExtremeLo Packet Switch
2011
logo
Renesas Technology Corp
89HPES3T3 RENESAS-89HPES3T3 Datasheet
555Kb / 32P
3-Lane 3-Port PCI Express® Switch
June 12, 2014
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com