Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS1776J/883 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DS1776J/883
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776J/883 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  DS1776J/883 Datasheet HTML 1Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS1776J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Description (Continued)
TABLE 1. Pin Description (Continued)
Symbol
Pins
Type
Name and Function
B0
27
I/O
Data input with special threshold circuitry to reject noise/Open Collector output,
High current drive
B1
26
I/O
B2
24
I/O
B3
23
I/O
B4
21
I/O
B5
20
I/O
B6
19
I/O
B7
17
I/O
OEB 0
15
I
Enables the B outputs when both pins are low
OEB 1
16
I
OEA
2
I
Enables the A outputs when High
LE
28
I
Latched when High (a special delay feature is built in for proper enabling
times)
V
X
14
I
Clamping voltage keeping V
OH from rising above VX (VX = VCC for normal
use)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11