Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD720122 Fiches technique(PDF) 64 Page - NEC

No de pièce UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD720122 Fiches technique(HTML) 64 Page - NEC

Back Button UPD720122 Datasheet HTML 60Page - NEC UPD720122 Datasheet HTML 61Page - NEC UPD720122 Datasheet HTML 62Page - NEC UPD720122 Datasheet HTML 63Page - NEC UPD720122 Datasheet HTML 64Page - NEC UPD720122 Datasheet HTML 65Page - NEC UPD720122 Datasheet HTML 66Page - NEC UPD720122 Datasheet HTML 67Page - NEC UPD720122 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
Data Sheet S16685EJ2V0DS
64
µPD720122
(e) External local bus 8-bit mode DMA EP1_Read transfer vs. EP2_Write transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
L8T68
EP1_RDB vs. EP2_WRB command inactive time
34
∞
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
EP1_DACKB
EP1_RDB
EP1_DRQB
L8t45
L8t57
EP2_DACKB
EP2_WRB
EP2_DRQB
L8t58
L8t68
Low level
Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82