| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC828APWT Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC828APWT Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 16 page ![]() www.ti.com Electrical Characteristics Switching Characteristics Operating Characteristics SN74LVC828A 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS SCAS347H – MARCH 1994 – REVISED MARCH 2005 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = –100 µA 1.65 V to 3.6 V VCC – 0.2 IOH = –4 mA 1.65 V 1.2 IOH = –8 mA 2.3 V 1.7 VOH V 2.7 V 2.2 IOH = –12 mA 3 V 2.4 IOH = –24 mA 3 V 2.2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 VOL IOL = 8 mA 2.3 V 0.7 V IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = 0 to 5.5 V 3.6 V ±5 µA Ioff VI or VO = 5.5 V 0 ±10 µA IOZ VO = 0 to 5.5 V 3.6 V ±10 µA VI = VCC or GND 10 ICC IO = 0 3.6 V µA 3.6 V ≤ V I ≤ 5.5 V (2) 10 ∆I CC One input at VCC – 0.6 V, Other inputs at VCC or GND 2.7 V to 3.6 V 500 µA Ci VI = VCC or GND 3.3 V 5 pF Co VO = VCC or GND 3.3 V 7 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) This applies in the disabled state only. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 2.7 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A Y (1) (1) (1) (1) 7.1 1 6.7 ns ten OE Y (1) (1) (1) (1) 8.5 1 7.3 ns tdis OE Y (1) (1) (1) (1) 7.3 1.8 6.7 ns tsk(o) 1 ns (1) This information was not available at the time of publication. T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V TEST PARAMETER UNIT CONDITIONS TYP TYP TYP Outputs enabled (1) (1) 24 Power dissipation capacitance Cpd f = 10 MHz pF per buffer/driver Outputs disabled (1) (1) 7 (1) This information was not available at the time of publication. 4 |