| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS393D Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS393D Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74393N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74393N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74393N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS390D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS390 SN74LS390D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS390 SN74LS390DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS390 SN74LS390DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS390 SN74LS390N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS390N SN74LS390N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS390N SN74LS390N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS390N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS390NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS390N SN74LS390NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS390N SN74LS390NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS390 SN74LS390NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS390 SN74LS393D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS393 SN74LS393D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS393 SN74LS393DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS393 SN74LS393DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS393 SN74LS393DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS393 |