Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XR22802 Fiches technique(PDF) 21 Page - Exar Corporation

No de pièce XR22802
Description  Hi-Speed USB to 10/100 Ethernet Bridge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XR22802 Fiches technique(HTML) 21 Page - Exar Corporation

Back Button XR22802 Datasheet HTML 17Page - Exar Corporation XR22802 Datasheet HTML 18Page - Exar Corporation XR22802 Datasheet HTML 19Page - Exar Corporation XR22802 Datasheet HTML 20Page - Exar Corporation XR22802 Datasheet HTML 21Page - Exar Corporation XR22802 Datasheet HTML 22Page - Exar Corporation XR22802 Datasheet HTML 23Page - Exar Corporation XR22802 Datasheet HTML 24Page - Exar Corporation XR22802 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
© 2015 Exar Corporation
XR22802
21 / 46
exar.com/XR22802
Rev 1B
FLOW_CONTROL (0x046) - Read/Write
XON_CHAR (0x047) - Read/Write
70
Stop
0: 1 stop bit
1: 2 stop bits
6:4
0
Parity
000: No parity
001: Odd parity
010: Even parity
011: Mark parity
100: Space parity
All other values undefined, do not use.
3:0
0x8
Data_Bits
0111: 7-bit characters
1000: 8-bit characters
1001: 9-bit characters
All other values undefined, do not use.
Bit
Default
Description
15:4
0x000
Reserved
These bits are reserved and should be written as ‘0’.
30
Half-Duplex Mode
0: UART RX received data irrespective of UART TX
1: UART RX is disabled when UART TX is transmitting data
2:0
0
Mode
000: None
001: Hardware
010: Software
011: Address match RX
100: Address match RX and TX
All other values undefined, do not use.
Bit
Default
Description
15:8
0x00
Reserved
These bits are reserved and should be written as ‘0’.
7:0
0x11
Char
XON ASCII character received in hexadecimal format
Bit
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46