Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED15W Fiches technique(PDF) 4 Page - Astrodyne Corporation

No de pièce LED15W
Description  Isolated and Regulated 15 Watt Open Frame DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LED15W Fiches technique(HTML) 4 Page - Astrodyne Corporation

  LED15W Datasheet HTML 1Page - Astrodyne Corporation LED15W Datasheet HTML 2Page - Astrodyne Corporation LED15W Datasheet HTML 3Page - Astrodyne Corporation LED15W Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isolated and Regulated 15 Watt Open Frame DC/DC Converters
LED15W series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
CURVES & FILTERS
Recommended Filter for EN55022 Class B Compliance.
The components used in the above figure, together with the
manufacturers’ part numbers for these components are as follows
Recommended EN55022 Class B Filter Circuit Layout



Html Pages

1 2 3 4