Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7C1069AV33 Fiches technique(PDF) 9 Page - Cypress Semiconductor

No de pièce CY7C1069AV33
Description  2M x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33 Fiches technique(HTML) 9 Page - Cypress Semiconductor

  CY7C1069AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY7C1069AV33
Document #: 38-05255 Rev. *D
Page 9 of 9
Document History Page
Document Title: CY7C1069AV33 2M x 8 Static RAM
Document Number: 38-05255
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
113724
03/27/02
NSL
New Data Sheet
*A
117060
07/31/02
DFP
Removed 15-ns bin
*B
117990
08/30/02
DFP
Added 8-ns bin
Changing ICC for 8, 10, 12 bins
tpower changed from 1 µs to 1 ms
Load Cap Comment changed (for Tx line load)
tSD changed to 5.5 ns for the 10-ns bin
Changed some 8-ns bin #’s (tHZ, tDOE, tDBE)
Removed hz < lz comments
*C
120385
11/13/02
DFP
Final Data Sheet
Added note 4 to “AC Test Loads and Waveforms” and note 7 to tpu and tpd
Updated Input/Output Caps (for 48BGA only) to 8 pf/10 pf and for the 54-pin
TSOP to 6/8 pf
*D
124441
2/25/03
MEG
Changed ISB1 from 100 mA to 70 mA
Shaded the 48fBGA product offering information



Html Pages

1 2 3 4 5 6 7 8 9