Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUXD87DPAK Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BUXD87DPAK
Description  HIGH VOLTAGE NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUXD87DPAK Fiches technique(HTML) 4 Page - STMicroelectronics

  BUXD87DPAK Datasheet HTML 1Page - STMicroelectronics BUXD87DPAK Datasheet HTML 2Page - STMicroelectronics BUXD87DPAK Datasheet HTML 3Page - STMicroelectronics BUXD87DPAK Datasheet HTML 4Page - STMicroelectronics BUXD87DPAK Datasheet HTML 5Page - STMicroelectronics BUXD87DPAK Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A3
0.70
1.30
0.028
0.051
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
B3
0.85
0.033
B5
0.30
0.012
B6
0.95
0.037
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.237
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
15.90
16.30
0.626
0.642
L
9.00
9.40
0.354
0.370
L1
0.80
1.20
0.031
0.047
L2
0.80
1.00
0.031
0.039
V1
10
o
10
o
P032N_E
TO-251 (IPAK) MECHANICAL DATA
BUXD87
4/6



Html Pages

1 2 3 4 5 6