Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA310 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 27Page - STMicroelectronics STA310 Datasheet HTML 28Page - STMicroelectronics STA310 Datasheet HTML 29Page - STMicroelectronics STA310 Datasheet HTML 30Page - STMicroelectronics STA310 Datasheet HTML 31Page - STMicroelectronics STA310 Datasheet HTML 32Page - STMicroelectronics STA310 Datasheet HTML 33Page - STMicroelectronics STA310 Datasheet HTML 34Page - STMicroelectronics STA310 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
31/90
STA310
MPEG_EXT_CRC_ERROR, the bit MC_OFF must be set. This indicates that the decoder tries to decode more
than 2 channels whereas the incoming stream contains only 2 channels.
Packet and audio synchronization errors:
Those errors are handled internally, and usually indicate that the incoming bitstream is incorrect or incorrectly
input to the chip. In those cases, the decoder resets the corresponding parsing stage (packet or audio parser)
then searches for the next correct frame.
Miscellaneous errors:
- LATENCY_TOO_BIG error indicates a problem of latency programming which is superior to the max-
imum authorized value.
Change the latency value or switch to auto-latency mode to solve the problem. Other miscellaneous
errors are internally handled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90