Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAN-180 Fiches technique(PDF) 7 Page - Exar Corporation

No de pièce DAN-180
Description  USE OF EXAR?셎 ST16C2550
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-180 Fiches technique(HTML) 7 Page - Exar Corporation

Back Button DAN-180 Datasheet HTML 3Page - Exar Corporation DAN-180 Datasheet HTML 4Page - Exar Corporation DAN-180 Datasheet HTML 5Page - Exar Corporation DAN-180 Datasheet HTML 6Page - Exar Corporation DAN-180 Datasheet HTML 7Page - Exar Corporation DAN-180 Datasheet HTML 8Page - Exar Corporation DAN-180 Datasheet HTML 9Page - Exar Corporation DAN-180 Datasheet HTML 10Page - Exar Corporation DAN-180 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
xr
DAN180
7
10) Run 'make modules'
11) Run 'make modules_install'
12) Run 'make install'
13) The newly created kernel image will be called ‘vmlinuz-(kernel version)-$EXTRAVERSION’ and will be
copied to ‘/boot’ directory after the previous command.
14) Edit the ‘/boot/grub/menu.1st’ file. Add another set of lines for the new kernel. If the new kernel does not
start properly, you can always boot using the existing working kernel. In the example ‘menu.1st’ file below,
‘/boot/vmlinuz-2.6.4-52’ is the original kernel image (title Linux) and ‘/boot/exar’ is the modified image (title ex-
ar).
color white/blue black/light-gray
default 0
timeout 8
gfxmenu (hd0,3)/boot/message
###Don't change this comment - YaST2 identifier: Original name: linux###
title Linux
kernel (hd0,3)/boot/vmlinuz root=/dev/hda4 vga=0x31a splash=silent desktop resume=/dev/hda3 showopts
initrd (hd0,3)/boot/initrd.orig
###Don't change this comment - YaST2 identifier: Original name: exar###
title exar
kernel (hd0,3)/boot/exar root=/dev/hda4 vga=0x31a splash=silent desktop resume=/dev/hda3 showopts
initrd (hd0,3)/boot/initrd.exar
###Don't change this comment - YaST2 identifier: Original name: floppy###
title Floppy
root (fd0)
chainloader +1
###Don't change this comment - YaST2 identifier: Original name: failsafe###
title Failsafe
kernel (hd0,3)/boot/vmlinuz root=/dev/hda4 showopts ide=nodma apm=off acpi=off vga=normal noresume nosmp noapic
maxcpus=0 3
initrd (hd0,3)/boot/initrd
###Don't change this comment - YaST2 identifier: Original name: memtest86###
title Memory Test
kernel (hd0,3)/boot/memtest.bin
15) Reboot the system and when the choice for kernels appear, select the newly created kernel.
Exar is still working on a software patch where the kernel does not require to be recompiled. Exar will advise
customers as soon as the software patch is available.
3.3
CASE 3 - PHOENIX BIOS VERSION 4.0 RELEASE 6.0 SOLUTION
This BIOS version performs a unique sequence of writes and reads at I/O locations 0x3F8, 0x2F8, 0x3E8 and
0x2E8, which are the standard COM1 through COM4 locations. This BIOS determines if serial ports (UARTs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11