Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM48411TL/NOPB Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM48411TL/NOPB
Description  Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM48411TL/NOPB Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 18Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 19Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 20Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 21Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MECHANICAL DATA
YZR0016xxx
www.ti.com
TLA16XXX (Rev C)
0.600±0.075
D
E
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215051/A
12/12
D: Max =
E: Max =
2.063 mm, Min =
2.014 mm, Min =
2.003 mm
1.953 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22