| Moteur de recherche de fiches techniques de composants électroniques |
|
PDM Fiches technique(PDF) 4 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
PDM Fiches technique(HTML) 4 Page - DDK Ltd. |
|
4 / 4 page ![]() Unit:mm http://www.ddknet.co.jp PDM Series 4 ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Receptacle Connector (Panel Mount Type) PDM-SR 4φ2.6 8.6 □12.7 (19.7) 11.7 (4) 4 1.65 PDM-SR あ PDM-SR-7-CF (21.7) (4) 6 4-φ2.6 8.6 11.7 1.65 □12.7 PDM-SR-7 (DIP Type) PDM-SR-PC-CF PDM-SR-PC-D2-CF PDM-LR-PC-CF 12.9 9 □6 4-□1 2.54 0.05 PCB Mounting Dimensions 4-φ1.9 0.05 φ1.5 0.05 5.08 0.05 4-□ 0.94 □ 5.08 5.08 0.08 φ1 7 (15.9) PCB Mounting Dimensions 2.54 0.08 φ1.3 0.1 4-φ1.8 0.1 PDM-LR-PC あ 11.5 9 □5.7 4-□0.7 2.54 0.05 PCB Mounting Dimensions 5-φ1.2 0.05 5.08 0.1 |